| Zakładka z wyszukiwarką danych komponentów |
|
SPEAR1340 Arkusz danych(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 Arkusz danych(HTML) 157 Page - STMicroelectronics |
|
157 / 200 page ![]() SPEAr1340 Timing characteristics Doc ID 023063 Rev 4 157/200 5.6 FSMC timing characteristics This section describes the timing characteristics of the flexible static memory controller. The FSMC can interface NAND Flash, NOR and SRAM. All the possible scenarios are described below. The timing characterization is performed assuming an output load capacitance of 10 pF on all outputs. 5.6.1 NAND Flash configuration timing characteristics Figure 21. NAND Flash configuration timing waveform TALE, TCLE, TW, TR and TD are fixed values: they depend only on the internal timings of SPEAr. TSET, THOLD, TWAIT and THIZ are programmable timings defined by FSMC registers. They can be calculated as: TSET = (Set + 1) * THCLK (min value for Set is 0) TWAIT = (Wait + 1) * THCLK (min value for Wait is 1) THOLD = (Hold + 1) * THCLK (min value for Hold is 1) THIZ = Hiz * THCLK (min value for Hiz is 0) THCLK = 6 ns (period of the AHB clock, the FSMC input clock) TMEM is the output delay of the NAND Flash. When writing a data, since the NAND Flash strobes it on the rising edge of FSMC_WEn, the user should choose the correct values of Set, Wait, Hold and Hiz in order to satisfy the following constraints: TSET + TW + TWAIT - THIZ - TD ≥ TSETUP (NAND_FLASH) THOLD + TW - THCLK + TD ≥ THOLD (NAND_FLASH) FSMC_CExn FSMC_ALE_AD17 tHCLK - tALE FSMC_WEn FSMC_CLE_AD16 FSMC_IO (ouT) DATAOUT FSMC_REn FSMC_IO (in) DATAIN tWAIT tSET + tW tHIZ + tD tHCLK - tD tHOLD + tW TWAIT tSET + tR tHOLD + tR tMEM tMEM tHCLK - tCLE |