| Zakładka z wyszukiwarką danych komponentów |
|
DEMM9PD Arkusz danych(PDF) 133 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PD Arkusz danych(HTML) 133 Page - ITT Industries |
|
133 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 132 D Subminiature Military/High Reliability 90 ° PC Tail with Plastic Bracket Part Numbers Military Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) Shell XXXXXX Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) 4,65 (.183) DE 9 DEMM9PD DEMM9PL DEMM9PS DEMM9PA DEMM9PG DEMM9PW DA 15 DAMM15PD DAMM15PL DAMM15PS DAMM15PA DAMM15PG DAMM15PW DB 25 DBMM25PD DBMM25PL DBMM25PS DBMM25PA DBMM25PG DBMM25PW DC 37 DCMM37PD DCMM37PL DCMM37PS DCMM37PA DCMM37PG DCMM37PW DD 50 DDMM50PD DDMM50PL DDMM50PS DDMM50PA DDMM50PG DDMM50PW Commercial Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) Shell XXXXXX Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) 4,65 (.183) DE 9 DEM9PD DEM9PL DEM9PS DEM9PA DEM9PG DEM9PW DA 15 DAM15PD DAM15PL DAM15PS DAM15PA DAM15PG DAM15PW DB 25 DBM25PD DBM25PL DBM25PS DBM25PA DBM25PG DBM25PW DC 37 DCM37PD DCM37PL DCM37PS DCM37PA DCM37PG DCM37PW DD 50 DDM50PD DDM50PL DDM50PS DDM50PA DDM50PG DDM50PW 2,84 (.112) 7,18 ± 0,25 (.283 ± .010) 5,68 (.224) X ± 0,69 (.027) L A C B ED Ø Y 10 ° M N Ø 3,05 (.120) Plug Engaging Face DD Configuration 2,84 (.112) F W 7,18 ± 0,25 (.283 ± .010) X ± 0,69 (.027) Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) M ±0,25 (.010) N ±0,13 (.005) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,30 (.484) 8,64 (.340) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,30 (.484) 8,64 (.340) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,30 (.484) 8,64 (.340) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,30 (.484) 8,64 (.340) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 15,09 (.594) 10,04 (.395) |