| Zakładka z wyszukiwarką danych komponentów |
|
DEMM9PC Arkusz danych(PDF) 240 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PC Arkusz danych(HTML) 240 Page - ITT Industries |
|
240 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard/European Coaxial Straight — Plug C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 3,81 (.150) 10,16 (.400) Mounting Hole 63,50 (2.500) 2,54 (.100) 2,54 (.100) 22,86 (.900) 15,24 (.600) 16,51(.650) Coax Contact 8,89 (.350) 2,54 (.100) 22,86 (.900) 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 4,37 (.172) 11,10 (.437) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 24,84 (.978) 63,50(2.500) 2,54 (.100) 2,54 (.100) 22,56 (.888) 15,82 (.623) Coax Contact 9,09 (.358) 2,36 (.093) 2,84 (.112) 5,54(.218) 11,05 (.435) 8,28 (.326) 8,71 (.343) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 63.50 (2.500) 2,84 (.112) 2,54 (.100) 2,54 (.100) 22,68 (.893) 15,70 (.618) Coax Contact 22,68 (.893) 15,70 (.618) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 63,50 (2.500) 2,84 (.112) 2,54 (.100) 2,54 (.100) 22,68 (.893) 15,70 (.618) Coax Contact 22,68 (.893) 15,70 (.618) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 63,50 (2.500) 2,84 (.112) 2,54 (.100) 2,54 (.100) 22,68 (.893) 15,70 (.618) Coax Contact 22,68 (.893) 17,96 (.707) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) 239 |