| Zakładka z wyszukiwarką danych komponentów |
|
DEM9SF Arkusz danych(PDF) 176 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SF Arkusz danych(HTML) 176 Page - ITT Industries |
|
176 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 175 D Subminiature Space/High Reliability 90 ° PC Tail with Plastic Bracket Receptacle Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. Part Numbers Shell Size Layout Part Number DE 9 DEM9SLNM* DA 15 DAM15SLNM* DB 25 DBM25SLNM* DC 37 DCM37SLNM* DD 50 DDM50SLNM* Notes: * For Residual Magnetism Levels of 200 gamma, add B. Example: DEM9SLNMB For shells with 50 microinches gold, add K52. Example: DEM9SLNMK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) M ±0,25 (.010) N ±0,13 (.005) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) 12,30 (.484) 8,64 (.340) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) 15,09 (.594) 10,04 (.395) Engaging Face DD Configuration D A C B E 10 ° Ø 0,76 (.030) Ø 3,05 (.120) N M 4,01 ± 0,69 (.158 ± .027) 2,84 (.112) 5,68 (.224) 7,18 ± 0,25 (.283 ± .010) L 2,84 (.112) F W 7,18 ± 0,25 (.283 ± .010) 4,01 ± 0,69 (.158 ± .027) |