| Zakładka z wyszukiwarką danych komponentów |
|
DEM9SF Arkusz danych(PDF) 262 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SF Arkusz danych(HTML) 262 Page - ITT Industries |
|
262 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — European 90 ° PC Tails — Plug 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 63,50 (2.500) 24,84 (.978) 2,54(.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF C 13W6 7 #20 0 #8 C 17W5 12 #20 0 #8 C 21WA4 17 #20 0 #8 C 25W3 22 #20 0 #8 C 27W2 25 #20 0 #8 Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities 5,54(.218) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 261 |