| Zakładka z wyszukiwarką danych komponentów |
|
DEM9SC Arkusz danych(PDF) 245 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SC Arkusz danych(HTML) 245 Page - ITT Industries |
|
245 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard High Power 90 ° — Plug REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,49 (.216) 5,49 (.216) 8,23 (.324) Mounting Hole 25,00 (.984) Signal Contact 2,84 (.112) 20,57 (.810) High Power Contact 11,53 (.454) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 6,86 (.270) 6,86 (.270) 33,32 (1.312) High Power Contact 20,57 (.810) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 6,86 (.270) 6,86 (.270) Signal Contact 2,84 (.112) 5,49 (.216) 2,74 (.108) 33,32 (1.312) High Power Contact 20,57 (.810) 11,53 (.454) Mounting Hole Signal Contact 2,84 (.112) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,49 (.216) 5,49 (.216) 8,23(.324) 8,23(.324) 8,23 (.324) 6,86 (.270) 6,86 (.270) 9,60 (.378) 9,60 (.378) 33,32 (1.312) 20,57 (.810) 11,53 (.454) High Power Contact Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF High Power Contact 20,57 (.810) 14,48 (.570) 14,48 (.570) 7,67 (.302) 5,94(.234) 0,86 (.034) 47,04 (1.852) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Signal Contact 2,84 (.112) High Power Contact 20,57 (.810) 11,53 (.454) 7,77 (.306) 47,04 (1.852) 14,48 (.570) 4,14 (.163) 14,48 (.570) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,54(.218) 8,28 (.326) 5,54(.218) 6,91 (.272) 9,68 (.381) Signal Contact 2,80 (.110) 2,84 (.112) High Power Contact 20,57 (.810) 11,53 (.454) 7,77 (.306) 14,48 (.570) 14,48 (.570) 4,14 (.163) 47,04 (1.852) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 2,84 (.112) REAR FLANGE REF 11,53 (.454) REAR FLANGE REF 8,64 (.340) High Power Contact 20,57 (.810) 47,04 (1.852) E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X High Power (H) 3,56 (.140) 244 |