| Zakładka z wyszukiwarką danych komponentów |
|
DAMMP3CK3PJTM Arkusz danych(PDF) 199 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3CK3PJTM Arkusz danych(HTML) 199 Page - ITT Industries |
|
199 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 198 D Subminiature Accessories Selection Guide Locking Hardware Backshell Style Female Screw Lock see page 209 Male Screw Lock see page 208 Sliding Lock Retainer Assembly see page 210 Slide Lock Post see page 211 Spring Latch Plate see page 212 Spring Latch see page 212 EMI Shielded Snap-Together Metalized Plastic Straight Exit see page 200 —————— EMI Shielded Snap-Together Metalized Plastic 40 ° Exit see page 200 —————— EMI Shielded Die Cast Zinc Metal see page 202 — ———— Metal Deep Straight Clamp see page 203 Metal Round Cable Clamp see page 203 Metal Short Straight Clamp see page 204 Metal 90 ° Entry see page 204 Plastic Snap-Together Universal see page 205 ———— Plastic One-Piece Snap-Together see page 205 — ———— Plastic One-Piece Plastic Straight Exit see page 206 —— Plastic One-Piece Plastic 90 ° Exit see page 206 —— Plastic Dataphone see page 206 — ———— Plastic Quick Disconnect for IDC Cable see page 207 —————— Plastic Quick Disconnect for Round Cable — Straight and 90 ° Exit see page 207 —————— Supplied with backshell Optional, compatible locking hardware — Not compatible |