| Zakładka z wyszukiwarką danych komponentów |
|
DEM9SNMC76 Arkusz danych(PDF) 186 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SNMC76 Arkusz danych(HTML) 186 Page - ITT Industries |
|
186 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 185 D Subminiature Space/High Reliability D*MA High Density Crimp Contact Cable Connector Receptacle Reader’s Resource For contact cavity arrangements, see page 186. For panel cutouts, see page 221. For hardware views (Standard) see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 15 DEMA15SNM* DEMAY15SNM* DA 26 DAMA26SNM* DAMAY26SNM* DB 44 DBMA44SNM* DBMAY44SNM* DC 62 DCMA62SNM* DCMAY62SNM* DD 78 DDMA78SNM* DDMAY78SNM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEMA15SNMB For shells with 50 microinches gold, add K52. Example: DEMA15SNMK52 For connectors without contacts, add F0. Example: DEMA15SNMF0 (F0 not marked on the connector) For crimp (Size 22) contacts and tooling, see pages 187 & 275 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face A C B 10 ° E D Ø 3,05 (.120) 8,76 (.345) MAX F W L K |