| Zakładka z wyszukiwarką danych komponentów |
|
41594B Arkusz danych(PDF) 232 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Arkusz danych(HTML) 232 Page - Microchip Technology |
|
232 / 372 page ![]() Receiving Address Automatic Transmitting Data Automatic Transmitting Data A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 SDA SCL SSP1IF BF CKP ACKSTAT R/W D/A S P Received address When R/W is set R/W is copied from the Indicates an address is read from SSP1BUF SCL is always held low after 9th SCL falling edge matching address byte has been received Masters not ACK is copied to ACKSTAT CKP is not held for not ACK BF is automatically cleared after 8th falling edge of SCL Data to transmit is loaded into SSP1BUF Set by software Cleared by software ACK ACK ACK R/W = 1 S P Master sends Stop condition |