| Zakładka z wyszukiwarką danych komponentów |
|
SE8 Arkusz danych(PDF) 301 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE8 Arkusz danych(HTML) 301 Page - Microchip Technology |
|
301 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 301 PIC16(L)F1946/47 FIGURE 25-4: ASYNCHRONOUS TRANSMISSION (BACK-TO-BACK) Transmit Shift Reg Write to TXxREG BRG Output (Shift Clock) TXx/CKx TXxIF bit (Interrupt Reg. Flag) TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 Start bit Stop bit Start bit Transmit Shift Reg Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. 1 TCY 1 TCY pin TABLE 25-1: REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on page BAUD1CON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 309 BAUD2CON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 309 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 92 PIE1 — ADIE RC1IE TX1IE SSP1IE CCP1IE TMR2IE TMR1IE 93 PIE4 — — RC2IE TX2IE — — BCL2IE SSP2IE 96 PIR1 — ADIF RC1IF TX1IF SSP1IF CCP1IF TMR2IF TMR1IF 97 PIR4 — — RC2IF TX2IF — — BCL2IF SSP2IF 100 RC1STA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 308 RC2STA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 308 SP1BRGL EUSART1 Baud Rate Generator, Low Byte 310* SP1BRGH EUSART1 Baud Rate Generator, High Byte 310* SP2BRGL EUSART2 Baud Rate Generator, Low Byte 310* SP2BRGH EUSART2 Baud Rate Generator, High Byte 310* TX1REG EUSART1 Transmit Register 302* TX1STA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 307 TX2REG EUSART2 Transmit Register 302* TX2STA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 307 Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for asynchronous transmission. * Page provides register information. |