Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC24FJ128GA006 Arkusz danych(PDF) 230 Page - Microchip Technology

Numer części PIC24FJ128GA006
Szczegółowy opis  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA006 Arkusz danych(HTML) 230 Page - Microchip Technology

Back Button PIC24FJ128GA006 Datasheet HTML 226Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 227Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 228Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 229Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 230Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 231Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 232Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 233Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 258 page
background image
PIC24FJ128GA010 FAMILY
DS39747F-page 230
 2005-2012 Microchip Technology Inc.
FIGURE 27-4:
CLKO AND I/O TIMING CHARACTERISTICS
Note:
Refer to Figure 27-2 for load conditions.
I/O Pin
(Input)
I/O Pin
(Output)
DI35
Old Value
New Value
DI40
DO31
DO32
TABLE 27-21: CLKO AND I/O TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
DO31
TIOR
Port Output Rise Time
10
25
ns
DO32
TIOF
Port Output Fall Time
10
25
ns
DI35
TINP
INTx Pin High or Low
Time (output)
20
ns
DI40
TRBP
CNx High or Low Time
(input)
2—
TCY
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com