| Zakładka z wyszukiwarką danych komponentów |
|
PIC24FJ128GA006 Arkusz danych(PDF) 252 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA006 Arkusz danych(HTML) 252 Page - Microchip Technology |
|
252 / 258 page ![]() PIC24FJ128GA010 FAMILY DS39747F-page 252 2005-2012 Microchip Technology Inc. OSCTUN (FRC Oscillator Tune) ............................... 102 PADCFG1 (Pad Configuration Control) .................... 166 PMADDR (Parallel Port Address) ............................. 157 PMAEN (Parallel Port Enable) .................................. 157 PMCON (Parallel Port Control) ................................. 154 PMMODE (Parallel Port Mode) ................................. 156 PMSTAT (Parallel Port Status) ................................. 158 RCFGCAL (RTCC Calibration and Configuration) ............................................ 165 RCON (Reset Control) ................................................ 58 SPIxCON1 (SPIx Control 1)...................................... 132 SPIxCON2 (SPIx Control 2)...................................... 133 SPIxSTAT (SPIx Status and Control) ....................... 130 SR (CPU STATUS) ............................................... 28, 67 T1CON (Timer1 Control)........................................... 112 TxCON (Timer2/4 Control)........................................ 116 TyCON (Timer3/5 Control)........................................ 117 UxMODE (UARTx Mode).......................................... 148 UxSTA (UARTx Status and Control)......................... 150 WKDYHR (Weekday and Hours Value) .................... 169 YEAR (Year Value) ................................................... 168 Registers Map CPU Core.................................................................... 35 Reset Sequence.................................................................. 63 Resets ................................................................................. 57 Clock Source Selection............................................... 59 Device Times .............................................................. 59 Revision History ................................................................ 247 RTCC Alarm......................................................................... 172 Configuring........................................................ 172 Interrupt............................................................. 172 ALRMVAL Register Mappings .................................. 170 Calibration................................................................. 172 Control Registers ...................................................... 165 Module Registers ...................................................... 164 Mapping ............................................................ 164 RTCVAL Register Mapping....................................... 168 S Serial Peripheral Interface (SPI) ....................................... 127 Software Simulator (MPLAB SIM)..................................... 215 Software Stack Pointer, Frame Pointer CALL Stack Frame...................................................... 46 Special Features ............................................................... 195 Code Protection ........................................................ 195 Flexible Configuration ............................................... 195 In-Circuit Emulation................................................... 195 In-Circuit Serial Programming (ICSP) ....................... 195 JTAG Boundary Scan Interface ................................ 195 Watchdog Timer (WDT) ............................................ 195 Special Function Register Reset States.............................. 61 Symbols Used in Opcode Descriptions............................. 206 T Table of Contents ................................................................. 5 Timer1 Module.................................................................. 111 Timer2/3 Module............................................................... 113 Timer4/5 Module............................................................... 113 Timing Diagrams CLKO and I/O ........................................................... 230 External Clock........................................................... 228 Timing Requirements Capacitive Loading on Output Pin ............................ 227 CLKO and I/O ........................................................... 230 External Clock........................................................... 228 Timing Specifications Internal RC Oscillator................................................ 229 Internal RC Oscillator Accuracy................................ 229 PLL Clock ................................................................. 229 U UARTx Baud Rate Generator (BRG) .................................... 146 Break and Sync Transmit Sequence ........................ 147 Infrared Support........................................................ 147 IrDA Built-in Encoder and Decoder........................... 147 External Support, Clock Output ........................ 147 Operation of UxCTS and UxRTS Control Pins ......... 147 Receiving in 8-Bit or 9-Bit Data Mode ................................... 147 Transmitting 8-Bit Data Mode................................................ 147 Transmitting in 9-Bit Data Mode................................................ 147 Universal Asynchronous Receiver Transmitter (UART) ... 145 V VDDCORE/VCAP Pin ........................................................... 201 W Watchdog Timer (WDT).................................................... 202 Control Register........................................................ 202 Programming Considerations ................................... 202 WWW Address ................................................................. 253 WWW, On-Line Support ....................................................... 6 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |