Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC24FJ128GA006 Arkusz danych(PDF) 113 Page - Microchip Technology

Numer części PIC24FJ128GA006
Szczegółowy opis  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA006 Arkusz danych(HTML) 113 Page - Microchip Technology

Back Button PIC24FJ128GA006 Datasheet HTML 109Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 110Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 111Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 112Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 113Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 114Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 115Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 116Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 113
PIC24FJ128GA010 FAMILY
12.0
TIMER2/3 AND TIMER4/5
The Timer2/3 and Timer4/5 modules are 32-bit timers,
which can also be configured as four independent, 16-bit
timers with selectable operating modes.
As a 32-bit timer, Timer2/3 and Timer4/5 operate in
three modes:
• Two Independent 16-Bit Timers (Timer2 and
Timer3) with All 16-Bit Operating modes
• Single 32-Bit Timer
• Single 32-Bit Synchronous Counter
They also support these features:
• Timer Gate Operation
• Selectable Prescaler Settings
• Timer Operation During Idle and Sleep modes
• Interrupt on a 32-Bit Period Register Match
• A/D Event Trigger (Timer2/3 only)
Individually, all four of the 16-bit timers can function as
synchronous timers or counters. They also offer the
features listed above, except for the A/D Event Trigger;
this is implemented only with Timer3. The operating
modes and enabled features are determined by setting
the appropriate bit(s) in the T2CON, T3CON, T4CON
and T5CON registers. T2CON and T4CON are shown
in generic form in Register 12-1; T3CON and T5CON
are shown in Register 12-2.
For 32-bit timer/counter operation, Timer2 and Timer4
are the least significant word; Timer3 and Timer4 are
the most significant word of the 32-bit timers.
To configure Timer2/3 or Timer4/5 for 32-bit operation:
1.
Set the T32 bit (T2CON<3> or T4CON<3> = 1).
2.
Select the prescaler ratio for Timer2 or Timer4
using the TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value. PR3 (or PR5) will
contain the most significant word of the value,
while PR2 (or PR4) contains the least significant
word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE or T5IE. Use the interrupt priority bits,
T3IP<2:0> or T5IP<2:0>, to set the interrupt pri-
ority. Note that while Timer2 or Timer4 controls
the timer, the interrupt appears as a Timer3 or
Timer5 interrupt.
6.
Set the TON bit (= 1).
The timer value, at any point, is stored in the register
pair: TMR3:TMR2 (or TMR5:TMR4). TMR3 (TMR5)
always contains the most significant word of the count,
while TMR2 (TMR4) contains the least significant word.
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer
(T2CON<3>
for
Timer2
and
Timer3
or
T4CON<3> for Timer4 and Timer5).
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value into the PRx register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE; use the priority bits, TxIP<2:0>, to set
the interrupt priority.
6.
Set the TON bit (TxCON<15> = 1).
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. Refer to Section 14. “Timers”
(DS39704)
in
the
“PIC24F
Family
Reference Manual”
for more information.
Note:
For 32-bit operation, T3CON and T5CON
control bits are ignored. Only T2CON and
T4CON control bits are used for setup and
control. Timer2 and Timer4 clock and gate
inputs are utilized for the 32-bit timer
modules, but an interrupt is generated
with the Timer3 or Timer5 interrupt flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com