Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC24FJ128GA006 Arkusz danych(PDF) 175 Page - Microchip Technology

Numer części PIC24FJ128GA006
Szczegółowy opis  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA006 Arkusz danych(HTML) 175 Page - Microchip Technology

Back Button PIC24FJ128GA006 Datasheet HTML 171Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 172Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 173Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 174Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 175Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 176Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 177Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 178Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 175
PIC24FJ128GA010 FAMILY
20.0
PROGRAMMABLE CYCLIC
REDUNDANCY CHECK (CRC)
GENERATOR
The programmable CRC generator offers the following
features:
• User-programmable polynomial CRC equation
• Interrupt output
• Data FIFO
20.1
Registers
There are four registers used to control programmable
CRC operation:
• CRCCON
• CRCXOR
• CRCDAT
• CRCWDAT
20.2
Overview
The module implements a software configurable CRC
generator. The terms of the polynomial and its length
can be programmed using the CRCXOR (X<15:1>) bits
and the CRCCON (PLEN<3:0>) bits, respectively.
Consider the following equation:
EQUATION 20-1:
CRC POLYNOMIAL
To program this polynomial into the CRC generator,
the CRC register bits should be set, as shown in
Table 20-1.
TABLE 20-1:
EXAMPLE CRC SETUP
Note that for the value of X<15:1>, the 12th bit and the
5th bit are set to ‘1’, as required by the equation. The
0 bit, required by the equation, is always XORed. For a
16-bit polynomial, the 16th bit is also always assumed to
be XORed; therefore, the X<15:1> bits do not have the
0 bit or the 16th bit.
The topology of a standard CRC generator is shown in
Figure 20-2.
FIGURE 20-1:
CRC SHIFTER DETAILS
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. Refer to Section 30. “Program-
mable
Cyclic
Redundancy
Check
(CRC)”
(DS39714) in the “PIC24F Family
Reference Manual”
for more information.
Bit Name
Bit Value
PLEN<3:0>
1111
X<15:1>
000100000010000
x16 + x12 + x5 + 1
IN
OUT
BIT 0
0
1
p_clk
X1
IN
OUT
BIT 1
0
1
p_clk
X2
IN
OUT
BIT 2
0
1
p_clk
X3
IN
OUT
BIT 15
0
1
p_clk
X15
XOR
DOUT
01
2
15
PLEN<3:0>
Hold
Hold
Hold
Hold
CRC Read Bus
CRC Write Bus
CRC Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com