| Zakładka z wyszukiwarką danych komponentów |
|
ST7LITE20F2 Arkusz danych(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE20F2 Arkusz danych(HTML) 157 Page - STMicroelectronics |
|
157 / 166 page ![]() ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 Device configuration Doc ID 8349 Rev 5 157/166 15.4 Application notes Table 99. STMicroelectronics development tools Supported Products Emulation Programming ST7 DVP3 Series ST7 EMU3 series ICC Socket Board Emulator Connection kit Emulator Active Probe & T.E.B. ST7FLITE20 ST7FLITE25 ST7FLITE29 ST7MDT10-DVP3 ST7MDT10-20/ DVP ST7MDT10-EMU3 ST7MDT10-TEB ST7SB10/123(1) 1. Add suffix /EU, /UK, /US for the power supply of your region. Table 100. ST7 application notes Identification Description Application examples AN1658 Serial Numbering Implementation AN1720 Managing the Read-out Protection in Flash Microcontrollers AN1755 A High Resolution/Precision thermometer using ST7 and NE555 AN1756 Choosing a DALI Implementation Strategy with ST7DALI AN1812 A High Precision, Low Cost, Single Supply ADC for Positive and Negative Input Voltages Example drivers AN 969 SCI Communication Between ST7 and PC AN 970 SPI Communication Between ST7 and EEPROM AN 971 I²C Communication Between ST7 and M24Cxx EEPROM AN 972 ST7 Software SPI Master Communication AN 973 SCI Software Communication with a PC Using ST72251 16-Bit Timer AN 974 Real Time Clock with ST7 Timer Output Compare AN 976 Driving a Buzzer Through ST7 Timer PWM Function AN 979 Driving An Analog Keyboard with the ST7 ADC AN 980 ST7 Keypad Decoding Techniques, Implementing wakeup on Keystroke AN1017 Using the ST7 Universal Serial Bus Microcontroller AN1041 Using ST7 PWM Signal to Generate Analog Output (Sinusoïd) AN1042 ST7 Routine for I²C Slave Mode Management AN1044 Multiple Interrupt Sources Management for ST7 MCUs AN1045 ST7 S/W Implementation of I²C Bus Master AN1046 UART Emulation Software AN1047 Managing Reception Errors with the ST7 SCI Peripherals |