| Zakładka z wyszukiwarką danych komponentów |
|
S12SCIV2D Arkusz danych(PDF) 109 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D Arkusz danych(HTML) 109 Page - Freescale Semiconductor, Inc |
|
109 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 109 Figure A-3 Jitter Definitions The relative deviation of tnom is at its maximum for one clock period, and decreases towards zero for larger number of clock periods (N). Defining the jitter as: For N < 100, the following equation is a good fit for the maximum jitter: Figure A-4 Maximum bus clock jitter approximation 2 3 N-1 N 1 0 tnom tmax1 tmin1 tmaxN tminN JN () max 1 t max N () Nt nom ⋅ --------------------- – 1 t min N () Nt nom ⋅ --------------------- – , = J N () j 1 N -------- j 2 + = 1 5 10 20 N J(N) |