| Zakładka z wyszukiwarką danych komponentów |
|
PCIF1 Arkusz danych(PDF) 147 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PCIF1 Arkusz danych(HTML) 147 Page - ATMEL Corporation |
|
147 / 294 page ![]() 147 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] The following code examples show how to initialize the SPI as a Slave and how to perform a simple reception. Note: 1. The example code assumes that the part specific header file is included. Assembly Code Example (1) SPI_SlaveInit: ; Set MISO output, all others input ldi r17,(1<<DD_MISO) out DDR_SPI,r17 ; Enable SPI ldi r17,(1<<SPE) out SPCR,r17 ret SPI_SlaveReceive: ; Wait for reception complete sbis SPSR,SPIF rjmp SPI_SlaveReceive ; Read received data and return in r16,SPDR ret C Code Example (1) void SPI_SlaveInit(void) { /* Set MISO output, all others input */ DDR_SPI = (1<<DD_MISO); /* Enable SPI */ SPCR = (1<<SPE); } char SPI_SlaveReceive(void) { /* Wait for reception complete */ while (!(SPSR & (1<<SPIF))); /* Return data register */ return SPDR; } |