| Zakładka z wyszukiwarką danych komponentów |
|
ADE05SA Arkusz danych(PDF) 162 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE05SA Arkusz danych(HTML) 162 Page - Tyco Electronics |
|
162 / 326 page ![]() E17 E E17 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 FSM100-104 Series Tactile Switches, .472 [12] x .472 [12], Vertical or Right Angle .283 (7.20) .472 (12.00) .122 (3.00) .236 (6.00) .472 (12.00) .170 (4.30) .516 (13.10 .354 (9.00) .091 (2.30) TYP. .063 (1.60) .197 (5.00) .059 (1.50) DIA. TYP. .382 (9.70) .051 (1.30) TYP. .197 (5.00) .039 (1.00) .067 (1.70) .295 (7.50) .128 (0.70) .264 (6.70) .354 (9.00) .012 (0.30) .085 (2.15) .087 (2.20) .354 (9.00) .079 (2.00) .394 (10.00) .283 (7.20) .472 (12.00) .122 (3.00) .236 (6.00) .472 (12.00) .170 (4.30) .516 (13.10 .354 (9.00) .091 (2.30) TYP. .063 (1.60) .197 (5.00) .059 (1.50) DIA. TYP. .382 (9.70) .051 (1.30) TYP. .197 (5.00) .039 (1.00) .067 (1.70) .295 (7.50) .128 (0.70) .264 (6.70) .354 (9.00) .012 (0.30) .085 (2.15) .087 (2.20) .354 (9.00) .079 (2.00) .394 (10.00) FSM102 FSM103 Tyco Alcoswitch Type Force Electronics 1437565-4 FSM102 SPST Off (On) 160±50gf 1571061-1 FSM102A SPST Off (On) 260±50gf (On) indicates momentary position. Tyco Alcoswitch Type Force Electronics 1437565-5 FSM103 SPST Off (On) 160±50gf (On) indicates momentary position. .264 (6.70) .157 (3.98) .472 (12.00) TYP. .157 (3.98) .472 (12.00) .236 (5.99) .012 (0.30) .047 (1.19) .039 (1.00) .197 (5.00) .138 (3.50) .197 (5.0 ) .492 (12.5) .052 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10 ) .019 (0.48) .264 (6.70) .157 (3.98) .472 (12.00) TYP. .157 (3.98) .472 (12.00) .236 (5.99) .012 (0.30) .047 (1.19) .039 (1.00) .197 (5.00) .138 (3.50) .197 (5.0 ) .492 (12.5) .052 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10 ) .019 (0.48) .264 (6.70) .157 (3.98) .472 (12.00) TYP. .157 (3.98) .472 (12.00) .236 (5.99) .012 (0.30) .047 (1.19) .039 (1.00) .197 (5.00) .138 (3.50) .197 (5.0 ) .492 (12.5) .052 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10 ) .019 (0.48) .264 (6.70) .157 (3.98) .472 (12.00) TYP. .157 (3.98) .472 (12.00) .236 (5.99) .012 (0.30) .047 (1.19) .039 (1.00) .197 (5.00) .138 (3.50) .197 (5.0 ) .492 (12.5) .052 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10 ) .019 (0.48) .264 (6.70) .287 (7.30) .181 (4.60) .118 (3.00) .071 (1.80) .154 (3.90) .039 (1.00) .197 (5.00 ) .150 (3.80) .138 (3.50) .197 (5.0 ) .492 (12.5) .051 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10) .02 (0.5) .472 (12.00) TYP. .264 (6.70) .287 (7.30) .181 (4.60) .118 (3.00) .071 (1.80) .154 (3.90) .039 (1.00) .197 (5.00 ) .150 (3.80) .138 (3.50) .197 (5.0 ) .492 (12.5) .051 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10) .02 (0.5) .472 (12.00) TYP. .264 (6.70) .287 (7.30) .181 (4.60) .118 (3.00) .071 (1.80) .154 (3.90) .039 (1.00) .197 (5.00 ) .150 (3.80) .138 (3.50) .197 (5.0 ) .492 (12.5) .051 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10) .02 (0.5) .472 (12.00) TYP. .264 (6.70) .287 (7.30) .181 (4.60) .118 (3.00) .071 (1.80) .154 (3.90) .039 (1.00) .197 (5.00 ) .150 (3.80) .138 (3.50) .197 (5.0 ) .492 (12.5) .051 (1.30) DIA. TYP. .071 (1.8) .492 (12.50) .555 (14.10) .02 (0.5) .472 (12.00) TYP. Tyco Alcoswitch Type Force Electronics 1437565-6 FSM104 SPST Off (On) 160±50gf (On) indicates momentary position. |