| Zakładka z wyszukiwarką danych komponentów |
|
ADE07 Arkusz danych(PDF) 110 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE07 Arkusz danych(HTML) 110 Page - Tyco Electronics |
|
110 / 326 page ![]() C34 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Gemini Series Toggle Switches, A Series, Wire Lug, 15/32 Bushing, Short Bat Actuator SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT A103T1ZQ DPDT A201T1ZQ Keyway .265 (6.70) .500 (12.70) .238 (6.05) Dia. 25˚ .460 (11.68) .468 (11.89) .155 (3.94) Typ. .185 (4.70) Typ. .030 (0.80) Typ. .080 (2.00) Typ. .358 (9.09) 15/32 NS Keyway .500 (12.70) .238 (6.05) 25˚ .460 (11.68) .468 (11.89) .155 (3.94) Typ. .185 (4.70) Typ. .030 (0.80) Typ. .040 (1.00) 15/32 NS .080 (2.02) Typ. .190 (4.80) .358 (9.09) * Refer to Pages C22-C26 for Additional Options * Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 5-1437554-4 A101T1ZQ SPDT 1 On None On 7-1437554-9 A103T1ZQ SPDT 5 On Off On 9-1437554-8 A105T1ZQ SPDT 5 (On) Off (On) A108T1ZQ SPDT 1 On None (On) Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 5-1437555-0 A201T1ZQ DPDT 2 On None On 6-1437555-3 A203T1ZQ DPDT 6 On Off On 7-1437555-1 A205T1ZQ DPDT 6 (On) Off (On) 7-1437555-7 A207T1ZQ DPDT 6 On Off (On) 8-1437555-6 A208T1ZQ DPDT 2 On None (On) 1437556-2 A211T1ZQ SP3T 11 On On On |