| Zakładka z wyszukiwarką danych komponentów |
|
ADE07 Arkusz danych(PDF) 136 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE07 Arkusz danych(HTML) 136 Page - Tyco Electronics |
|
136 / 326 page ![]() TPD/TPF Series D12 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Pushbutton Switches, Tiny, Vertical or Right Angle, Unthreaded or 1/4-40 Bushing ® Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPD21MGRA(*) DPST M N.O. Momentary .250 Gold TPD21RGRA(*) DPDT R Momentary .250 Gold TPF21MGRA(*) DPST M N.O. Momentary 1/4-40 Gold TPF21RGRA(*) DPDT R Momentary 1/4-40 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "M" Action switches. DPST/DPDT TPF21MGRA TPD21MGRA .226 (5.74) TO FLAT .020 Dp. X .040 W. (0.51 Dp. X (1.06) W.) KEYWAY 1/4-40 UNS-2A .132 (3.35) DIA. .140 (3.56) .160 (4.06) .380 (9.65) .130 (3.30) .310 (7.87) .340 (8.64) .130 (3.30) .030 (0.76) TYP. . .245 (6.22) DIA. .226 (5.74) TO FLAT .132 (3.35) DIA. .140 (3.56) .130 (3.30) 12 3 45 6 .380 (9.65) .130 (3.30) .340 (8.64) .310 (7.87) .320 (8.13) .360 (9.14) .020 (0.51) TYP. .160 (4.06) .030 (0.76) TYP. .200 (5.08) .100 (2.54) .200 (5.08) .043 (1.09) DIA. TYP. . Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPD11CGRA(*) SPST C N.O. Momentary .250 Gold TPD11FGRA(*) SPDT F Momentary .250 Gold TPF11CGRA(*) SPDT C N.O. Momentary 1/4-40 Gold TPF11FGRA(*) SPDT F Momentary 1/4-40 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. .226 (5.74) TO FLAT .022 Dp. X .040 W. (0.56 Dp. X (1.02) W.) KEYWAY 1/4-40 UNS-2A .200 (5.08) .200 (5.08) .043 (1.09) DIA. TYP. .100 (2.54) DIA. TYP. .245 (6.22) DIA. .158 (4.01) .030 (.762) .340 (8.64) .310 (7.87) .135 (3.43) .030 (0.76) .226 (5.74) .130 (3.30) .158 (4.01) .132 (3.35) .311 (7.90) .3.40 (8.64) .030 (0.76) .226 (5.74) .320 (8.10) .140 (3.60) .030 (0.76) .020 (0.51) TYP. .206 (5.23) .281 (7.14) DIA. 123 .226 (5.74) TO FLAT .132 (3.35) SPST/SPDT TPD11CGRA TPF11CGRA TPD SERIES TPF SERIES TPD SERIES TPF SERIES DPST/DPDT TPD21MGPC Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPD21MGPC(*) DPST M N.O. Momentary .250 Gold TPD21RGPC(*) DPDT R Momentary .250 Gold TPF21MGPC(*) DPST M N.O. Momentary 1/4-40 Gold TPF21RGPC(*) DPDT R Momentary 1/4-40 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminals on "M" Action switches. .226 (5.74) TO FLAT .158 (4.01) .132 (3.35) DIA. .311 (7.90) .340 (8.64) .130 (3.30) .320 (8.13) .030 (0.76) TYP. .9.14 (.360) 1 2 3 4 5 6 .100 (2.54) TYP. .020 (0.51) TYP. 1/4-40 UNS-2A .020 Dp. X .040 W. (0.51 Dp. X (1.00) W.) KEYWAY .100 (2.54) .043 (1.09) DIA. TYP. .200 (5.08) .200 (5.08) .245 (6.22) DIA. .226 (5.74) TO FLAT .158 (4.01) .310 (7.87) .340 (8.64) .130 (3.30) .100 (2.54) TYP. .020 (0.51) TYP. .132 (3.35) DIA. TPD SERIES TPF SERIES SEE PAGE D6 FOR PRODUCT SPECIFICATIONS |