| Zakładka z wyszukiwarką danych komponentów |
|
ADE10 Arkusz danych(PDF) 109 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE10 Arkusz danych(HTML) 109 Page - Tyco Electronics |
|
109 / 326 page ![]() C33 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Gemini Series Toggle Switches, A Series, Vertical, Wire Lug, Flat or Long Bat Actuator SEE PAGE C22 FOR PRODUCT SPECIFICATIONS DPDT A201TZQ A101TZQ SPDT A201P3YZQ DPDT Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 2-1437554-9 A101P3YZQ SPDT 1 On None On 6-1437554-3 A103P3YZQ SPDT 5 On Off On 8-1437554-7 A105P3YZQ SPDT 5 (On) Off (On) 1437555-5 A107P3YZQ SPDT 5 On Off (On) 1-1437555-5 A108P3YZQ SPDT 1 On None (On) A101P3YZQ SPDT 25˚ .347 (8.80) .358 (9.09) .185 (4.70) Typ. .030 (0.80) Typ. .453 (11.50) .500 (12.7) .190 (4.80) .040 (1.00) .080 (2.02) Typ. .155 (3.94) 1/4-40NS .100 (2.50) 1.154 (29.3) Ref. .450 (11.43) Keyway 25˚ .185 (4.70) Typ. .030 (0.80) Typ. .265 (6.70) .500 (12.7) .080 (2.00) Typ. .238 (6.05) Epoxy Seal .687 (17.45) .468 (11.89) .358 (9.09) .155 (3.84) Typ. Keyway 15/32-32 NS 25˚ .185 (4.70) Typ. .030 (0.80) Typ. Keyway .500 (12.7) .190 (4.80) .040 (1.00) .080 (2.02) Typ. .455 (11.55) Epoxy Seal .687 (17.45) .468 (11.89) .358 (9.09) .155 (3.94) Typ. 15/32-32 NS 25˚ .350 (8.89) .358 (9.09) .185 (4.70) Typ. .030 (0.80) Typ. .040 (1.02) .500 (12.70) .080 (2.03) .200 (5.08) .450 (11.43) .029 (0.74) .270 (6.86) .155 (3.94) 1/4-40 NS Keyway * Refer to Pages C22-C26 for Additional Options * Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 5-1437554-6 A101TZQ SPDT 1 On None On 8-1437554-0 A103TZQ SPDT 5 On Off On Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 5-1437555-2 A201TZQ DPDT 2 On None On 6-1437555-4 A203TZQ DPDT 6 On Off On A211TZQ SP3T 11 On On On Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 3-1437555-6 A201P3YZQ DPDT 2 On None On 5-1437555-6 A203P3YZQ DPDT 6 On Off On 6-1437555-6 A205P3YZQ DPDT 6 (On) Off (On) 7-1437555-3 A207P3YZQ DPDT 6 On Off (On) 8-1437555-0 A208P3YZQ DPDT 2 On None (On) 9-1436555-3 A211P3YZQ SP3T 11 On On On A215P3YZQ SP3T 11 (On) On (On) |