Zakładka z wyszukiwarką danych komponentów |
|
LM339APWE4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
LM339APWE4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 33 page LM139, LM239, LM339 LM139A, LM239A, LM339A LM2901, LM2901AV, LM2901V www.ti.com SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012 ELECTRICAL CHARACTERISTICS at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM139 LM139A PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX MIN TYP MAX VCC = 5 V to 30 V, 25°C 2 5 1 2 VIO Input offset voltage VIC = VICR min, mV Full range 9 4 VO = 1.4 V 25°C 3 25 3 25 IIO Input offset current VO = 1.4 V nA Full range 100 100 25°C –25 –100 –25 –100 IIB Input bias current VO = 1.4 V nA Full range –300 –300 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input- VICR V voltage range(3) 0 to 0 to Full range VCC – 2 VCC – 2 Large-signal differential- VCC+ = ±7.5 V, AVD 25°C 200 50 200 V/mV voltage amplification VO = –5 V to 5 V VOH = 5 V 25°C 0.1 0.1 nA IOH High-level output current VID = 1 V VOH = 30 V Full range 1 1 μA 25°C 150 400 150 400 VOL Low-level output voltage VID = –1 V, IOL = 4 mA mV Full range 700 700 IOL Low-level output current VID = –1 V, VOL = 1.5 V 25°C 6 16 6 16 mA Supply current ICC VO = 2.5 V, No load 25°C 0.8 2 0.8 2 mA (four comparators) (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) Full range (MIN to MAX) for LM139 and LM139A is –55°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (3) The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage. SWITCHING CHARACTERISTICS VCC = 5 V, TA = 25°C LM139 LM139A PARAMETER TEST CONDITIONS UNIT TYP 100-mV input step with 5-mV overdrive 1.3 RL connected to 5 V through 5.1 kΩ, Response time μs CL = 15 pF (1) (2) TTL-level input step 0.3 (1) CL includes probe and jig capacitance. (2) The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Copyright © 1979–2012, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V |
Podobny numer części - LM339APWE4 |
|
Podobny opis - LM339APWE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |