Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GRM552B11H102KA01D Arkusz danych(PDF) 147 Page - Murata Manufacturing Co., Ltd.

Numer części GRM552B11H102KA01D
Szczegółowy opis  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Arkusz danych(HTML) 147 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 146Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 147Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 148Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 149Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 150Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 151Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 221 page
background image
Notice
s Soldering and Mounting
1. PCB Design
1. Notice for Pattern Forms
1-1. Unlike leaded components, chip components are
susceptible to flexing stresses since they are
mounted directly on the substrate.
They are also more sensitive to mechanical and
thermal stresses than leaded components.
Excess solder fillet height can multiply these stresses
and cause chip cracking. When designing substrates,
take land patterns and dimensions into consideration
to eliminate the possibility of excess solder fillet
height.
1-2. It is possible for the chip to crack by the expansion
and shrinkage of a metal board. Please contact us if
you want to use our ceramic capacitors on a metal
board such as Aluminum.
Chassis
Solder (ground)
Electrode Pattern
Solder Resist
Solder Resist
Solder Resist
Lead Wire
Soldering Iron
Lead Wire
Solder Resist
Continued on the following page.
Pattern Forms
Placing Close to Chassis
Placing
of Chip Components
and Leaded Components
Placing
of Leaded Components
after Chip Component
Lateral Mounting
Prohibited
Correct
Notice
145
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More