| Zakładka z wyszukiwarką danych komponentów |
|
GRM552B11H102KA01D Arkusz danych(PDF) 168 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRM552B11H102KA01D Arkusz danych(HTML) 168 Page - Murata Manufacturing Co., Ltd. |
|
168 / 221 page ![]() 167 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GRM43DR72E224KW01L DC250 X7R (EIA) 0.22 µF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM43DR72E334KW01L DC250 X7R (EIA) 0.33 µF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM55DR72E334KW01L DC250 X7R (EIA) 0.33 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRM43DR72E474KW01L DC250 X7R (EIA) 0.47 µF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM55DR72E474KW01L DC250 X7R (EIA) 0.47 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRM55DR72E105KW01L DC250 X7R (EIA) 1.0 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRM31BR72J102KW01L DC630 X7R (EIA) 1000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J152KW01L DC630 X7R (EIA) 1500pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J222KW01L DC630 X7R (EIA) 2200pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J332KW01L DC630 X7R (EIA) 3300pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J472KW01L DC630 X7R (EIA) 4700pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J682KW01L DC630 X7R (EIA) 6800pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72J103KW01L DC630 X7R (EIA) 10000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31CR72J153KW03L DC630 X7R (EIA) 15000pF ±10% 3.2 1.6 1.6 1.2 0.3 min. GRM32QR72J223KW01L DC630 X7R (EIA) 22000pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRM32DR72J333KW01L DC630 X7R (EIA) 33000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRM32DR72J473KW01L DC630 X7R (EIA) 47000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRM43QR72J683KW01L DC630 X7R (EIA) 68000pF ±10% 4.5 3.2 1.5 2.2 0.3 min. GRM43DR72J104KW01L DC630 X7R (EIA) 0.10 µF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM55DR72J154KW01L DC630 X7R (EIA) 0.15 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRM55DR72J224KW01L DC630 X7R (EIA) 0.22 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRM31BR73A471KW01L DC1000 X7R (EIA) 470pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR73A102KW01L DC1000 X7R (EIA) 1000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR73A152KW01L DC1000 X7R (EIA) 1500pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR73A222KW01L DC1000 X7R (EIA) 2200pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR73A332KW01L DC1000 X7R (EIA) 3300pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR73A472KW01L DC1000 X7R (EIA) 4700pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM32QR73A682KW01L DC1000 X7R (EIA) 6800pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRM32QR73A103KW01L DC1000 X7R (EIA) 10000pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRM32DR73A153KW01L DC1000 X7R (EIA) 15000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRM32DR73A223KW01L DC1000 X7R (EIA) 22000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRM43DR73A333KW01L DC1000 X7R (EIA) 33000pF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM43DR73A473KW01L DC1000 X7R (EIA) 47000pF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRM55DR73A104KW01L DC1000 X7R (EIA) 0.10 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |