| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F2680ISOSQTP Arkusz danych(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISOSQTP Arkusz danych(HTML) 154 Page - Microchip Technology |
|
154 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 152 Preliminary © 2007 Microchip Technology Inc. 12.1 Timer1 Operation Timer1 can operate in one of these modes: •Timer • Synchronous Counter • Asynchronous Counter The operating mode is determined by the clock select bit, TMR3CS (T3CON<1>). When TMR3CS is cleared (= 0), Timer3 increments on every internal instruction cycle (Fosc/4). When the bit is set, Timer3 increments on every rising edge of the Timer1 external clock input or the Timer1 oscillator, if enabled. When Timer1 is enabled, the RC1/T1OSI and RC0/ T1OSO/T13CKI pins become inputs. This means the values of TRISC<1:0> are ignored and the pins are read as ‘0’. FIGURE 12-1: TIMER1 BLOCK DIAGRAM FIGURE 12-2: TIMER1 BLOCK DIAGRAM (16-BIT READ/WRITE MODE) T1SYNC TMR1CS T1CKPS1:T1CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock On/Off Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI 1 0 TMR1ON TMR1L Set TMR1IF on Overflow TMR1 High Byte Clear TMR1 (CCP1 Special Event Trigger) Timer1 Oscillator Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off to eliminate power drain. On/Off Timer1 T1SYNC TMR1CS T1CKPS1:T1CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off to eliminate power drain. 1 0 TMR1L Internal Data Bus 8 Set TMR1IF on Overflow TMR1 TMR1H High Byte 8 8 8 Read TMR1L Write TMR1L 8 TMR1ON Clear TMR1 (CCP1 Special Event Trigger) Timer1 Oscillator On/Off Timer1 |