| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4680ISPSQTP Arkusz danych(PDF) 250 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ISPSQTP Arkusz danych(HTML) 250 Page - Microchip Technology |
|
250 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 248 Preliminary © 2007 Microchip Technology Inc. REGISTER 19-2: ADCON1: A/D CONTROL REGISTER 1 U-0 U-0 R/W-0 R/W-0 R/W-0(1) R/W-q(1) R/W-q(1) R/W-q(1) — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 bit 7 bit 0 bit 7-6 Unimplemented: Read as ‘0’ bit 5 VCFG1: Voltage Reference Configuration bit (VREF- source) 1 = VREF- (AN2) 0 = AVSS bit 4 VCFG0: Voltage Reference Configuration bit (VREF+ source) 1 = VREF+ (AN3) 0 = AVDD bit 3-0 PCFG3:PCFG0: A/D Port Configuration Control bits Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown A = Analog input D = Digital I/O Note 1: The POR value of the PCFG bits depends on the value of the PBADEN bit in Configuration Register 3H. When PBADEN = 1, PCFG<3:0> = 0000; when PBADEN = 0, PCFG<3:0> = 0111. 2: AN5 through AN7 are available only in PIC18F4X8X devices. PCFG3: PCFG0 0000(1) A AAAA AA A A A A 0001 A AAAA AA A A A A 0010 A AAAA AA A A A A 0011 A AAAA AA A A A A 0100 A AAAA AA A A A A 0101 D AAAA AA A A A A 0110 D D AAA AA A A A A 0111(1) DD D A A A A A A A A 1000 D DDD A A A A A A A 1001 D DDD D A A A A A A 1010 D DDD DD A A A A A 1011 D DDD DDD A A A A 1100 D DDD DDD D A A A 1101 D DDD DDD D D A A 1110 D DDD DDD D D D A 1111 D DDD DDD D D D D |