| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F4680ISPSQTP Arkusz danych(PDF) 181 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ISPSQTP Arkusz danych(HTML) 181 Page - Microchip Technology |
|
181 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 179 PIC18F2585/2680/4585/4680 16.4.5 FULL-BRIDGE MODE In Full-Bridge Output mode, four pins are used as outputs; however, only two outputs are active at a time. In the Forward mode, pin P1A is continuously active and pin P1D is modulated. In the Reverse mode, pin P1C is continuously active and pin P1B is modulated. These are illustrated in Figure 16-6. P1A, P1B, P1C and P1D outputs are multiplexed with the PORTD<4>, PORTD<5>, PORTD<6> and PORTD<7> data latches. The TRISD<4>, TRISD<5>, TRISD<6> and TRISD<7> bits must be cleared to make the P1A, P1B, P1C and P1D pins outputs. FIGURE 16-6: FULL-BRIDGE PWM OUTPUT Period Duty Cycle P1A(2) P1B(2) P1C(2) P1D(2) Forward Mode (1) Period Duty Cycle P1A(2) P1C(2) P1D(2) P1B(2) Reverse Mode (1) (1) (1) Note 1: At this time, the TMR2 register is equal to the PR2 register. Note 2: Output signal is shown as active-high. |