Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AX500 Arkusz danych(PDF) 167 Page - Microsemi Corporation

Numer części AX500
Szczegółowy opis  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Arkusz danych(HTML) 167 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 163Page - Microsemi Corporation AX500 Datasheet HTML 164Page - Microsemi Corporation AX500 Datasheet HTML 165Page - Microsemi Corporation AX500 Datasheet HTML 166Page - Microsemi Corporation AX500 Datasheet HTML 167Page - Microsemi Corporation AX500 Datasheet HTML 168Page - Microsemi Corporation AX500 Datasheet HTML 169Page - Microsemi Corporation AX500 Datasheet HTML 170Page - Microsemi Corporation AX500 Datasheet HTML 171Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 41
IO153PB7F14
M6
IO154NB7F14
K2
IO154PB7F14
L2
IO155NB7F14
K3
IO155PB7F14
L3
IO156NB7F14
L5
IO156PB7F14
L4
IO157NB7F14
L6
IO157PB7F14
L7
IO158NB7F15
J1
IO158PB7F15
K1
IO159NB7F15
J4
IO159PB7F15
K4
IO160NB7F15
H2
IO160PB7F15
J2
IO161NB7F15
K6
IO161PB7F15
K5
IO162NB7F15
H3
IO162PB7F15
J3
IO163NB7F15
G2
IO163PB7F15
G1
IO164NB7F15
G4
IO164PB7F15
H4
IO165NB7F15
F3
IO165PB7F15
G3
IO166NB7F15
E2
IO166PB7F15
F2
IO167NB7F15
F5
IO167PB7F15
G5
Dedicated I/O
GND
A1
GND
A13
GND
A14
GND
A19
GND
A26
FG676
AX500 Function
Pin
Number
GND
A8
GND
AC23
GND
AC4
GND
AD24
GND
AD3
GND
AE2
GND
AE25
GND
AF1
GND
AF13
GND
AF14
GND
AF19
GND
AF26
GND
AF8
GND
B2
GND
B25
GND
B26
GND
C24
GND
C3
GND
G20
GND
G7
GND
H1
GND
H19
GND
H26
GND
H8
GND
J18
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
K14
GND
K15
GND
K16
GND
K17
GND
L10
FG676
AX500 Function
Pin
Number
GND
L11
GND
L12
GND
L13
GND
L14
GND
L15
GND
L16
GND
L17
GND
M10
GND
M11
GND
M12
GND
M13
GND
M14
GND
M15
GND
M16
GND
M17
GND
N1
GND
N10
GND
N11
GND
N12
GND
N13
GND
N14
GND
N15
GND
N16
GND
N17
GND
N26
GND
P1
GND
P10
GND
P11
GND
P12
GND
P13
GND
P14
GND
P15
GND
P16
GND
P17
GND
P26
FG676
AX500 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More