| Zakładka z wyszukiwarką danych komponentów |
|
AM7969-125JC Arkusz danych(PDF) 107 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7969-125JC Arkusz danych(HTML) 107 Page - Advanced Micro Devices |
|
107 / 127 page ![]() AMD 103 TAXIchip Integrated Circuits Technical Manual TAXI Technical Information Publication #89-10 Subject: TAXI Receiver CSTRB and DSTRB Pulse Width Question: What is the maximum CSTRB and DSTRB pulse width? Answer: The internal logic of the TAXI Receiver determines the pulse width of CSTRB and DSTRB based on the timing of an internal clock (Bit Clock). Under normal conditions, the pulse width will be 4-bit times wide in the 8-bit mode, and 5-bit times wide in the 9- and 10-bit modes. An exception to this typical width is upon re-sync which can cause the pulse to be expanded by up to 5 bit times as the byte boundaries are re-aligned to the incoming data stream. The number of bit times used to represent data differs based on the operational mode; in 8-bit mode, data is encoded into 10 bits, in 9-bit mode 11-bits, and in 10-bit mode 2 bits. For example, a Receiver operating with a 12.5 MHz crystal and utilizing 8-bit mode will have a clock period of 80 ns (1/12.5 MHz = 80 ns). Internally the Receiver divides this period by 10, forming the internal bit boundaries used to represent the encoded data. This example yields a 8 ns (80 ns/10 = 8 ns) bit period, which translates to a internal clock rate of 125 MHz (1/8 ns = 125 MHz). Figure 11. shows a timing diagram of a TAXI Receiver internal clock and its relationship to CLK, Data, and Strobe outputs. The Receiver utilizes this divided clock to define its internal logic states. The CSTRB and DSTRB signals are generated by using these logic states and have a fixed relationship to the incoming encoded data. The figure shows that from the beginning of the byte (state 0), the CSTRB or DSTRB delay is two internal clock periods before going high, and the signal remains high for four internal clock periods then returns to a low logic level. Actual pulse width will vary from this ideal width due to signal rise and fall delay, propagation delay and effects of loads external to the Receiver. The data sheet parameters reflect these delays and normal manufacturing guard bands. |