| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F2680ISOSQTP Arkusz danych(PDF) 324 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISOSQTP Arkusz danych(HTML) 324 Page - Microchip Technology |
|
324 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 322 Preliminary © 2007 Microchip Technology Inc. DFFh —(4) DDFh —(4) DBFh —(4) D9Fh —(4) DFEh —(4) DDEh —(4) DBEh —(4) D9Eh —(4) DFDh —(4) DDDh —(4) DBDh —(4) D9Dh —(4) DFCh TXBIE DDCh —(4) DBCh —(4) D9Ch —(4) DFBh —(4) DDBh —(4) DBBh —(4) D9Bh —(4) DFAh BIE0 DDAh —(4) DBAh —(4) D9Ah —(4) DF9h —(4) DD9h —(4) DB9h —(4) D99h —(4) DF8h BSEL0 DD8h SDFLC DB8h —(4) D98h —(4) DF7h —(4) DD7h —(4) DB7h —(4) D97h —(4) DF6h —(4) DD6h —(4) DB6h —(4) D96h —(4) DF5h —(4) DD5h RXFCON1 DB5h —(4) D95h —(4) DF4h —(4) DD4h RXFCON0 DB4h —(4) D94h —(4) DF3h MSEL3 DD3h —(4) DB3h —(4) D93h RXF15EIDL DF2h MSEL2 DD2h —(4) DB2h —(4) D92h RXF15EIDH DF1h MSEL1 DD1h —(4) DB1h —(4) D91h RXF15SIDL DF0h MSEL0 DD0h —(4) DB0h —(4) D90h RXF15SIDH DEFh —(4) DCFh —(4) DAFh —(4) D8Fh —(4) DEEh —(4) DCEh —(4) DAEh —(4) D8Eh —(4) DEDh —(4) DCDh —(4) DADh —(4) D8Dh —(4) DECh —(4) DCCh —(4) DACh —(4) D8Ch —(4) DEBh —(4) DCBh —(4) DABh —(4) D8Bh RXF14EIDL DEAh —(4) DCAh —(4) DAAh —(4) D8Ah RXF14EIDH DE9h —(4) DC9h —(4) DA9h —(4) D89h RXF14SIDL DE8h —(4) DC8h —(4) DA8h —(4) D88h RXF14SIDH DE7h RXFBCON7 DC7h —(4) DA7h —(4) D87h RXF13EIDL DE6h RXFBCON6 DC6h —(4) DA6h —(4) D86h RXF13EIDH DE5h RXFBCON5 DC5h —(4) DA5h —(4) D85h RXF13SIDL DE4h RXFBCON4 DC4h —(4) DA4h —(4) D84h RXF13SIDH DE3h RXFBCON3 DC3h —(4) DA3h —(4) D83h RXF12EIDL DE2h RXFBCON2 DC2h —(4) DA2h —(4) D82h RXF12EIDH DE1h RXFBCON1 DC1h —(4) DA1h —(4) D81h RXF12SIDL DE0h RXFBCON0 DC0h —(4) DA0h —(4) D80h RXF12SIDH TABLE 23-1: CAN CONTROLLER REGISTER MAP (CONTINUED) Address(1) Name Address Name Address Name Address Name Note 1: Shaded registers are available in Access Bank low area, while the rest are available in Bank 15. 2: CANSTAT register is repeated in these locations to simplify application firmware. Unique names are given for each instance of the controller register due to the Microchip header file requirement. 3: These registers are not CAN registers. 4: Unimplemented registers are read as ‘0’. |