Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IO20PDB0V0 Arkusz danych(PDF) 110 Page - Microsemi Corporation

Numer części IO20PDB0V0
Szczegółowy opis  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Arkusz danych(HTML) 110 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 106Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 107Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 108Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 109Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 110Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 111Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 112Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 114Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 197 page
background image
SmartFusion Development Tools
3- 6
R ev isio n 1 2
•
Flash File System (RL-Flash) allows your embedded applications to create, save, read, and
modify files in standard storage devices such as ROM, RAM, or FlashROM, using a standard
serial peripheral interface (SPI). Many ARM-based microcontrollers have a practical requirement
for a standard file system. With RL-FlashFS you can implement new features in embedded
applications such as data logging, storing program state during standby modes, or storing
firmware upgrades.
Micrium, in addition to µC/OS-III®, offers the following support for SmartFusion cSoC:
•
µC/TCP-IP™ is a compact, reliable, and high-performance stack built from the ground up by
Micrium and has the quality, scalability, and reliability that translates into a rapid configuration of
network options, remarkable ease-of-use, and rapid time-to-market.
•
µC/Probe™ is one of the most useful tools in embedded systems design and puts you in the
driver's seat, allowing you to take charge of virtually any variable, memory location, and I/O port in
your embedded product, while your system is running.
References
PCB Files
A2F500 SmartFusion Development Kit PCB Files
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=130770
A2F200 SmartFusion Development Kit PCB Files
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=130773
Application Notes
SmartFusion cSoC Board Design Guidelines
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=129815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More