Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

144895 Arkusz danych(PDF) 1 Page - ERNI Electronics

Numer części 144895
Szczegółowy opis  TMC-S 25-SMD-6,3-BA8
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ERNI [ERNI Electronics]
Strona internetowa  http://www.erni.com
Logo ERNI - ERNI Electronics

144895 Arkusz danych(HTML) 1 Page - ERNI Electronics

  144895 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1,5
Abspulrichtung -
Reel off Direction
330
150
72,5
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Verpackungseinheit: 120 Stück -
Packaging unit: 120 pcs
Mutter /
nut
/ thread
M3
/ #4-40
Gewinde
Bolzen
bolt
Bemerkung
remark
Ident-Nr.
part-no.
tape &reel
Ident.-Nr.
part-no.
tray
ohne
without
Mutter
thread
194280 174391
X
194281 164031
#4-40
194282 164027
M3
194283 164023
#4-40
194284 164019
M3
I
Class
A3
prior notice.
contact one of the ERNI companies
Date
19.04.2010
e
Index
TMCS
TMC-S 25-SMD-6,3-type 8
TMC-S 25-SMD-6,3-BA8
144895
2:1
Information:
Tolerances
before using.
Drawing will not be updated.
All Dimensions
www.ERNI.com
Scale
Subject to modification without
Designation
in mm
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Anschlussbereich verzinnt
terminal area tin plating
Koplanarität der Anschlüsse
0,1 mm
coplanarity area of termination
0,1 mm
Anforderungsstufe: 2
class: 2
pcb
Leiterplatte
2,8
0,6
Ansaughaube
hood
-0,4
±0,1
47
+0,2
16
53
38,5 -0,2
Missing information and dimensions according to DIN 41652
Additional indications please see the production documentation
Fehlende Masse und Angaben siehe DIN 41652 /
Sonstige Angaben siehe Fertigungsunterlagen /
A
0,1
0,1
0,1
B
A
recommended layout:
B
Layoutvorschlag:
(25x)
0,1
Pin 1
A
1,38
30,36
2,76
2,76
3,4
3,4
±0,05
53,8
1,7 x 45° (4x)
47
1
±0,2
11 x 2,76 =
12 x 2,76 = 33,12
ohne /
without
3,1
12,2
tray packaging
packaging unit 30 pcs
Verpackt in Tray
Verpackungseinheit 30 St.
Pin 1
58
max. 325
4 x 58 = 232
Pin 1
28
thread depth max. 5,5 mm
thread depth max. 5,0 mm
max. Einschraubtiefe 5,5 mm
max. Einschraubtiefe 5,0 mm
M 1:1
Sonstige Angaben siehe Zeichnung 204654 /
Additional indications according to drawing 204654
Sonstige Angaben siehe Zeichnung 204628 /
Additional indications according to drawing 204628
Beschriftung nach Bedruckungsvorschrift 174538
Part marking according to specification 174538
Bolzen /
bolt
/ thread
M3
/ #4-40
Gewinde
3,7


Podobny numer części - 144895

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ERNI Electronics
144890 ERNI-144890 Datasheet
109Kb / 1P
TMC-P 15-SMD-6,3-BA8
144891 ERNI-144891 Datasheet
121Kb / 1P
TMC-P 25-SMD-6,3-BA8
144893 ERNI-144893 Datasheet
94Kb / 1P
TMC-S 09-SMD-6,3-BA8
logo
Curtis Instruments, Inc...
1448938 CURTIS-1448938 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
logo
ERNI Electronics
144894 ERNI-144894 Datasheet
111Kb / 1P
TMC-S 15-SMD-6,3-BA8
More results

Podobny opis - 144895

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ERNI Electronics
144893 ERNI-144893 Datasheet
94Kb / 1P
TMC-S 09-SMD-6,3-BA8
144894 ERNI-144894 Datasheet
111Kb / 1P
TMC-S 15-SMD-6,3-BA8
144896 ERNI-144896 Datasheet
117Kb / 1P
TMC-S 37-SMD-6,3-BA8
144918 ERNI-144918 Datasheet
92Kb / 1P
TMC-S 25-EE-3,0-6,3-BA8
144925 ERNI-144925 Datasheet
75Kb / 1P
TMC-S 25-TL-5,3-6,3-BA8
144948 ERNI-144948 Datasheet
92Kb / 1P
TMC-S 25-EESV-3,0-6,3-BA8-ZV
144980 ERNI-144980 Datasheet
74Kb / 1P
TMC-S 25-THR-2,7-6,3-BA8
204775 ERNI-204775 Datasheet
136Kb / 1P
TMC-S-25-SMD-Euro-BA8
224872 ERNI-224872 Datasheet
75Kb / 1P
TMC-S 25-TL-2,7-6,3-BA8
144891 ERNI-144891 Datasheet
121Kb / 1P
TMC-P 25-SMD-6,3-BA8
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com