Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT90PWM2 Arkusz danych(PDF) 136 Page - ATMEL Corporation

Numer części AT90PWM2
Szczegółowy opis  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Arkusz danych(HTML) 136 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 365 page
background image
136
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
16.5
Functional Description
16.5.1
Waveform Cycles
The waveform generated by PSC can be described as a sequence of two waveforms.
The first waveform is relative to PSCOUTn0 output and part A of PSC. The part of this waveform
is sub-cycle A in the following figure.
The second waveform is relative to PSCOUTn1 output and part B of PSC. The part of this wave-
form is sub-cycle B in the following figure.
The complete waveform is ended with the end of sub-cycle B. It means at the end of waveform
B.
Figure 16-4. Cycle Presentation in 1, 2 & 4 Ramp Mode
Figure 16-5. Cycle Presentation in Centered Mode
Ramps illustrate the output of the PSC counter included in the waveform generators. Centered
Mode is like a one ramp mode which count down up and down.
Notice that the update of a new set of values is done regardless of ramp Mode at the top of the
last ramp.
4 Ramp Mode
2 Ramp Mode
1 Ramp Mode
Sub-Cycle A
Sub-Cycle B
PSC Cycle
UPDATE
Ramp A0
Ramp A1
Ramp B0
Ramp B1
Ramp A
Ramp B
PSC Cycle
UPDATE
Centered Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More