Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIIX3 Arkusz danych(PDF) 109 Page - Intel Corporation

Numer części PIIX3
Szczegółowy opis  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Arkusz danych(HTML) 109 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 105Page - Intel Corporation PIIX3 Datasheet HTML 106Page - Intel Corporation PIIX3 Datasheet HTML 107Page - Intel Corporation PIIX3 Datasheet HTML 108Page - Intel Corporation PIIX3 Datasheet HTML 109Page - Intel Corporation PIIX3 Datasheet HTML 110Page - Intel Corporation PIIX3 Datasheet HTML 111Page - Intel Corporation PIIX3 Datasheet HTML 112Page - Intel Corporation PIIX3 Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
109
3.12.1.
SMM MODE
SMM mode is invoked by asserting the SMI# signal to the CPU. The PIIX/PIIX3 provides a variety of
programmable events that can generate an SMI. When the CPU receives an SMI, it enters SMM mode and
executes SMM code out of SMRAM. Depending on the current state, the SMM code places the system in
either the Power On state or the Fast Off state. In the Power On state, the computer system operates
normally. In this state one of the four programmable events listed below can trigger an SMI.
1.
A global idle timer called the Fast Off timer expires (an indication that the end user has not used the
computer for a programmed period of time).
2.
The EXTSMI# pin is asserted.
3.
The operating system issues an APM call.
3.12.2.
SMI SOURCES
The SMI# signal can be asserted by hardware interrupt events, the Fast Off Timer, an external SMI event
(EXTSMI#), and software events (via the APMC and APMS Registers). Enable/disable bits (in the SMIEN
Register) permit each event to be individually masked from generating an SMI. In addition, the SMI# signal
can be globally enabled/disabled in the SMICNTL Register. Status of the individual events causing an SMI is
provided in the SMIREQ Register. For detailed information on the SMI control/status registers, refer to the
Register Description section.
Hardware Interrupt Events
Hardware events (IRQ[12,8#,4,3,1] and the Fast Off Timer) are enabled/disabled from generating an SMI in
the SMIEN Register. When enabled, the occurrence of the corresponding hardware event generates an SMI
(asserts the SMI# signal), regardless of the current power state of the system.
Fast Off Timer
The Fast Off Timer is used to indicate (through an SMI) that the system has been idle for a programmed
period of time. The timer counts down from a programmed start value and when the count reaches 00h, can
generate an SMI. The timer decrement rate is programmable (via the SMICNTL Register) and is re-loaded
each time a system event occurs. This counter should not be programmed to 00h. System and break events
are described in the SEE Register.
EXTSMI#
The EXTSMI# input pin provides the system designer the capability to invoke SMM with external hardware.
For example, the EXTSMI# input could be connected to a "green button" permitting the user to enter the Fast
Off state by depressing a button. The EXTSMI# generation of an SMI is enabled/disabled in the SMIEN
Register.
For the PIIX3, the EXTSMI# signal can be used to provide a special protocol between the host-to-PCI bridge
and the PIIX3 (see MSTAT Register description, 6B-6Ah, function 0).
Software Events
Software events (accessing the APMx Registers) indicate that the OS is passing power management
information to the SMI handler. There are two Advanced Power Management (APM) registers — APM
Control (APMC) and APM Status (APMS) Registers. These registers permit software to generate an SMI; by
writing to the APMC Register. For example, the APMC can be used to pass an APM command between APM
OS and BIOS and the APMS Register could be used to pass data between the OS and the SMI handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com