Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCN-363T-T011 Arkusz danych(PDF) 17 Page - List of Unclassifed Manufacturers

Numer części FCN-363T-T011
Szczegółowy opis  RECTANGULAR CONNECTORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FCN-363T-T011 Arkusz danych(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FCN-363T-T011 Datasheet HTML 13Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 14Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 15Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 16Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 17Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 18Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 19Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 20Page - List of Unclassifed Manufacturers FCN-363T-T011 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
FCN-360 Series
17
COVER FOR CABLE TO CABLE CONNECTION (TYPE C)
s DIMENSIONS
Unit: mm (in.)
G
R
F
14 mm (0.551 in.) max.
10.3 (0.405)
FUJITSU
Metal fittings
Note: This
cover
can
be
combined with a cover of
type B, D, or E for cable-
to-cable connection.
s EXPLODED VIEW
Two M2 mm (0.079 in.)
thread
× 8 mm (0.315 in.)
long pan head machine
screws (shorter)
Four M2 mm (0.079 in.) thread nuts
Two washers
Case
Connector
Two M2 mm (0.079 in.)
thread
× 10 mm (0.394 in.)
long pan head machine
screws (longer)
Two screws for mounting
metal fittings
Connector
Two metal fittings
s PART NUMBERS AND DIMENSIONS
Note: The screws, nuts, washers, and accessory
are attached to the cover.
Number of
contacts
8
16
24
32
40
48
56
64
Part number
FCN-360C008-C
FCN-360C016-C
FCN-360C024-C
FCN-360C032-C
FCN-360C040-C
FCN-360C048-C
FCN-360C056-C
FCN-360C064-C
Dimensions: mm (in.)
R: 2.84 mm (0.112 in.) (8 and 16 contacts)
R: 4.0 mm (0.157 in.) (24 and 64 contacts)
H
φ 5.7 (0.224)
φ 5.7 (0.224)
φ 8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
G
2.0 (0.078)
6.0 (0.236)
10.0 (0.393)
14.0 (0.551)
18.0 (0.708)
F
32.08 (1.262)
42.24 (1.662)
52.40 (2.062)
62.56 (2.462)
72.72 (2.862)
82.88 (3.262)
93.04 (3.662)
103.20 (4.062)


Podobny numer części - FCN-363T-T011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FCN-363J FUJITSU-FCN-363J Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-363J FUJITSU-FCN-363J Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Omron Electronics LLC
FCN-363J-AU OMRON-FCN-363J-AU Datasheet
2Mb / 158P
CQM1 Programmable Controllers
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS FCN360 Series
logo
Fuji Electric
FCN-363J008 FUJI-FCN-363J008 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
More results

Podobny opis - FCN-363T-T011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
Rectangular Connectors
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS FCN360 Series
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
EPIC Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Fujitsu Component Limit...
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
Rectangular Power Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com