| Zakładka z wyszukiwarką danych komponentów |
|
AN3350 Arkusz danych(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Arkusz danych(HTML) 104 Page - STMicroelectronics |
|
104 / 185 page ![]() Intermediate optimizations AN3350 104/185 Doc ID 018512 Rev 2 func1(); } func2(); } Example 50 After dead code elimination void func_to(void) { func2(); } 13.1.2 Expression simplification The expression simplification optimization attempts to replace arithmetic expressions with simpler expressions. Additionally, the compiler also looks for operations in expressions that can be avoided completely without affecting the final outcome of the expression. This optimization reduces size and increases speed. Table 18 explains how to control the optimization for expression simplification. For example, Example 51 contains a few assignments to some arithmetic expressions: ● Addition to zero ● Multiplication by a power of 2 ● Subtraction of a value from itself ● Arithmetic expression with two or more literal values Example 51 Before expression simplification void func_from(int* result1, int* result2, int* result3, int* result4, int x) { *result1 = x + 0; *result2 = x * 2; *result3 = x - x; *result4 = 1 + x + 4; } Example 52 shows source code that is equivalent to expression simplification. The compiler has modified these assignments to: ● Remove the addition to zero ● Replace the multiplication of a power of 2 with bit-shift operation ● Replace a subtraction of x from itself with 0 ● Consolidate the additions of 1 and 4 into 5 Table 18. Controlling expression simplification Turn control this option from here... use this setting Source code There is no pragma to control this optimization. Command line -opt level=1 , -opt level=2, -opt level=3, -opt level=4 |