Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3350 Arkusz danych(PDF) 129 Page - STMicroelectronics

Numer części AN3350
Szczegółowy opis  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Arkusz danych(HTML) 129 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 125Page - STMicroelectronics AN3350 Datasheet HTML 126Page - STMicroelectronics AN3350 Datasheet HTML 127Page - STMicroelectronics AN3350 Datasheet HTML 128Page - STMicroelectronics AN3350 Datasheet HTML 129Page - STMicroelectronics AN3350 Datasheet HTML 130Page - STMicroelectronics AN3350 Datasheet HTML 131Page - STMicroelectronics AN3350 Datasheet HTML 132Page - STMicroelectronics AN3350 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 185 page
background image
AN3350
Pragmas for standard C conformance
Doc ID 018512 Rev 2
129/185
Remarks
If you enable this pragma, the compiler accepts many of the language features described by
the ISO/IEC 9899-1999 standard:
●
More rigid type checking.
●
Trailing commas in enumerations.
●
GCC/C99-style compound literal values.
●
Designated initializers.
●
__func__
predefined symbol.
●
Implicit return 0; in main().
●
Non-const static data initializations.
●
Variable argument macros (__VA_ARGS__).
●
bool
and _Bool support.
●
long long
support (separate switch).
●
restrict
support.
●
//
comments.
●
inline
support.
●
Digraphs.
●
_Complex
and _Imaginary (treated as keywords but not supported).
●
Empty arrays as last struct members.
●
Designated initializers
●
Hexadecimal floating-point constants.
●
Variable length arrays are supported within local or function prototype scope (as
required by the C99 standard).
●
Unsuffixed decimal constant rules.
●
++bool--
expressions.
●
(T) (int-list)
are handled/parsed as cast-expressions and as literals.
●
__STDC_HOSTED__
is 1.
By default, this pragma is disabled.
17.3
c9x
Equivalent to #pragma c99.
17.4
ignore_oldstyle
Controls the recognition of function declarations that follow the syntax conventions used
before ISO/IEC standard C (in other words, “K&R” style).
Syntax
#pragma ignore_oldstyle on | off | reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More