| Zakładka z wyszukiwarką danych komponentów |
|
AN3350 Arkusz danych(PDF) 172 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Arkusz danych(HTML) 172 Page - STMicroelectronics |
|
172 / 185 page ![]() Pragmas for optimization AN3350 172/185 Doc ID 018512 Rev 2 22.7 opt_propagation Controls the use of copy and constant propagation optimization. Syntax #pragma opt_propagation on | off | reset Remarks If you enable this pragma, the compiler replaces multiple occurrences of one variable with a single occurrence. This pragma does not correspond to any panel setting. By default, this settings is related to the global_optimizer level. 22.8 opt_strength_reduction Controls the use of strength reduction optimization. Syntax #pragma opt_strength_reduction on | off | reset Remarks If you enable this pragma, the compiler replaces array element arithmetic instructions with pointer arithmetic instructions to make loops faster. This pragma does not correspond to any panel setting. By default, this settings is related to the global_optimizer level. 22.9 opt_strength_reduction_strict Uses a safer variation of strength reduction optimization. Syntax #pragma opt_strength_reduction_strict on | off | reset Remarks Like the opt_strength_reduction pragma, this setting replaces multiplication instructions that are inside loops with addition instructions to speed up the loops. However, unlike the regular strength reduction optimization, this variation ensures that the optimization is only applied when the array element arithmetic is not of an unsigned type that is smaller than a pointer type. This pragma does not correspond to any panel setting. The default varies according to the compiler. |