| Zakładka z wyszukiwarką danych komponentów |
|
ST9 Arkusz danych(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Arkusz danych(HTML) 101 Page - STMicroelectronics |
|
101 / 146 page ![]() 101/146 ST9 USER GUIDE 4.7.4 ADC Application: A/D Conversions and Analog Watchdog using Interrupts This application converts the analog value presented on P7.7 and enters the conversion re- sults in a chart as long as the converted value resides within the user-defined threshold. The end of conversion interrupt is used to transfer the result of the conversion to the chart. The an- alog watchdog interrupt, when triggered, stops the A/D converter. This application is located in the ADC/appli directory. |