| Zakładka z wyszukiwarką danych komponentów |
|
M30620FCAFP Arkusz danych(PDF) 219 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP Arkusz danych(HTML) 219 Page - Mitsubishi Electric Semiconductor |
|
219 / 274 page ![]() Description (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 219 Table 1.25.1. Outline performance of the M16C/62A (flash memory version) Outline Performance Table 1.25.1 shows the outline performance of the M16C/62A (flash memory version). Item Flash memory operation mode Erase block division Program method Erase method Program/erase control method Protect method Number of commands Program/erase count ROM code protect Performance Three modes (parallel I/O, standard serial I/O, CPU rewrite) See Figure 1.25.1 One division (8 Kbytes) (Note) In units of pages (in units of 256 bytes) Collective erase/block erase Program/erase control by software command Protected for each block by lock bit 8 commands 100 times Parallel I/O and standard serial modes are supported. Note: The boot ROM area contains a standard serial I/O mode control program which is stored in it when shipped from the factory. This area can be erased and programmed in only parallel I/O mode. User ROM area Boot ROM area |