Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EM341-RTR Arkusz danych(PDF) 189 Page - Silicon Laboratories

Numer części EM341-RTR
Szczegółowy opis  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Arkusz danych(HTML) 189 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 185Page - Silicon Laboratories EM341-RTR Datasheet HTML 186Page - Silicon Laboratories EM341-RTR Datasheet HTML 187Page - Silicon Laboratories EM341-RTR Datasheet HTML 188Page - Silicon Laboratories EM341-RTR Datasheet HTML 189Page - Silicon Laboratories EM341-RTR Datasheet HTML 190Page - Silicon Laboratories EM341-RTR Datasheet HTML 191Page - Silicon Laboratories EM341-RTR Datasheet HTML 192Page - Silicon Laboratories EM341-RTR Datasheet HTML 193Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 237 page
background image
EM341
Rev 1.0
101
Table 9.1. NVIC Exception Table
Exception
Position
Description
—
0
Stack top is loaded from first entry of vector table on reset.
Reset
1
Invoked on power up and warm reset. On first instruction, drops to lowest prior-
ity (Thread mode). Asynchronous.
NMI
2
Cannot be stopped or preempted by any exception but reset. Asynchronous.
Hard Fault
3
All classes of fault, when the fault cannot activate because of priority or the
Configurable Fault handler has been disabled. Synchronous.
Memory Fault
4
MPU mismatch, including access violation and no match. Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults. Synchro-
nous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as “undefined instruction executed” or “illegal state transition
attempt”. Synchronous.
—
7–10
Reserved.
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when enabled.
It does not activate if lower priority than the current activation.
—
13
Reserved.
PendSV
14
Pendable request for system service. Asynchronous and only pended by soft-
ware.
SysTick
15
System tick timer has fired. Asynchronous.
Timer 1
16
Timer 1 peripheral interrupt..
Timer 2
17
Timer 2 peripheral interrupt.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
Serial Controller 2
22
Serial Controller 2 peripheral interrupt.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
ADC
27
ADC peripheral interrupt.
IRQA
28
IRQA peripheral interrupt.
IRQB
29
IRQB peripheral interrupt.
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More