| Zakładka z wyszukiwarką danych komponentów |
|
LAN9500AI Arkusz danych(PDF) 193 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Arkusz danych(HTML) 193 Page - Microchip Technology |
|
193 / 213 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001875A-page 193 LAN950x 8.4 DC Specifications TABLE 8-12: I/O BUFFER CHARACTERISTICS Parameter Symbol MIN TYP MAX Units Notes IS Type Input Buffer Low Input Level High Input Level Negative-Going Threshold Positive-Going Threshold SchmittTrigger Hysteresis (VIHT - VILT) Input Leakage (VIN = VSS or VDD33IO) Input Capacitance VILI VIHI VILT VIHT VHYS IIH CIN -0.3 1.01 1.39 336 -10 1.19 1.59 399 3.6 1.39 1.8 485 10 3 V V V V mV uA pF Schmitt trigger Schmitt trigger Note 8-7 IS_5V Type Input Buffer Low Input Level High Input Level Negative-Going Threshold Positive-Going Threshold SchmittTrigger Hysteresis (VIHT - VILT) Input Leakage (VIN = VSS or VDD33IO) Input Leakage (VIN = 5.5V) Input Capacitance VILI VIHI VILT VIHT VHYS IIH IIH CIN -0.3 1.01 1.39 336 -10 1.19 1.59 399 5.5 1.39 1.8 485 10 79 4 V V V V mV uA uA pF Schmitt trigger Schmitt trigger Note 8-7 Note 8-7, Note 8-8 O8 Type Buffers Low Output Level High Output Level VOL VOH VDD33IO - 0.4 0.4 V V IOL = 8mA IOH = -8mA OD8 Type Buffer Low Output Level VOL 0.4 V IOL = 8mA O12 Type Buffers Low Output Level High Output Level VOL VOH VDD33IO - 0.4 0.4 V V IOL = 12mA IOH = -12mA OD12 Type Buffer Low Output Level VOL 0.4 V IOL = 12mA ICLK Type Buffer (XI Input) Low Input Level High Input Level VILI VIHI -0.3 1.4 0.5 3.6 V V Note 8-9 |