| Zakładka z wyszukiwarką danych komponentów |
|
SPEAR320S-2 Arkusz danych(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S-2 Arkusz danych(HTML) 108 Page - STMicroelectronics |
|
108 / 113 page ![]() Acronyms SPEAr320S 108/113 Doc ID 022508 Rev 2 Appendix A Acronyms Table 84. List of acronyms Acronym Definition ADC Analog-to-digital converter AES Advanced encryption standard AHB AMBA high speed bus AMBA Advanced microcontroller bus architecture APB Advanced peripheral bus BIST Built-In self test CAN Controller area network CBC Cipher block chaining CMOS Complimentary metal-oxide semiconductor CPU Central processing unit CRC Cyclic redundancy check DDR Double data rate DES Data encryption standard DLL Delay locked loop (when applied to DDR memories) DMA Direct memory access EMI External memory interface ETM Embedded trace macrocell FIFO First-in-first-out FIQ Fast interrupt request FPGA Field programmable gate array FSMC Flexible static memory controller GB Giga bytes GPIO General purpose input / output HLOS High-level operating system HMI Human machine interface HW Hardware IrDA Infrared data association IRQ Interrupt request JPEG Joint photographic experts group JTAG Joint test action group KB Kilo bytes LCD Liquid color display |