| Zakładka z wyszukiwarką danych komponentów |
|
STM32F756VG Arkusz danych(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756VG Arkusz danych(HTML) 124 Page - STMicroelectronics |
|
124 / 228 page ![]() Electrical characteristics STM32F756xx 124/228 DocID027589 Rev 4 Figure 30. High-speed external clock source AC timing diagram Table 38. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) - - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD -VDD V VLSEL OSC32_IN input pin low level voltage VSS -0.3VDD tw(LSE) tf(LSE) OSC32_IN high or low time(1) 450 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) -- 50 Cin(LSE) OSC32_IN input capacitance(1) -- 5 - pF DuCy(LSE) Duty cycle - 30 - 70 % IL OSC32_IN Input leakage current VSS ≤VIN ≤VDD -- ±1 µA 1. Guaranteed by design. |