| Zakładka z wyszukiwarką danych komponentów |
|
STM32F446ME Arkusz danych(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446ME Arkusz danych(HTML) 108 Page - STMicroelectronics |
|
108 / 201 page ![]() Electrical characteristics STM32F446xC/E 108/201 DocID027107 Rev 5 Figure 28. ACCLSI versus temperature 6.3.11 PLL characteristics The parameters given in Table 43 and Table 44 are derived from tests performed under temperature and VDD supply voltage conditions summarized in Table 16. Table 43. Main PLL characteristics Symbol Parameter Conditions Min Typ Max Unit fPLL_IN PLL input clock(1) -0.95(2) 12.10 MHz fPLL_OUT PLL multiplier output clock - 12.5 - 180 MHz fPLL48_OUT 48 MHz PLL multiplier output clock - - 48 75 MHz fVCO_OUT PLL VCO output - 100 - 432 MHz tLOCK PLL lock time VCO freq = 100 MHz 75 - 200 µs VCO freq = 432 MHz 100 - 300 Jitter(3) Cycle-to-cycle jitter System clock 120 MHz RMS - 25 - ps peak to peak - ±150 - Period Jitter RMS - 15 - peak to peak - ±200 - Bit Time CAN jitter Cycle to cycle at 1 MHz on 1000 samples -330 - |