| Zakładka z wyszukiwarką danych komponentów |
|
SWCS049J Arkusz danych(PDF) 108 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049J Arkusz danych(HTML) 108 Page - Texas Instruments |
|
108 / 119 page ![]() 108 TPS659110, TPS659112, TPS659113 TPS659114, TPS659118, TPS6591133 SWCS049Q – JUNE 2010 – REVISED MARCH 2016 www.ti.com Submit Documentation Feedback Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133 Device and Documentation Support Copyright © 2010–2016, Texas Instruments Incorporated ACRONYM DEFINITION LP Low-Power application mode LSB Least Significant Bit MMC Multimedia Card MOSFET Metal Oxide Semiconductor Field Effect Transistor NVM Nonvolatile Memory OD Open Drain OMAP™ Open Multimedia Application Platform™ RTC Real-Time Clock SMPS Switched Mode Power Supply SPI Serial Peripheral Interface POR Power-On Reset (1) TPS65911 Data Manual, SWCS049 - Initial release. (2) TPS65911 Data Manual, SWCS049A - Version A: • Update Figure 1-1: LDO1, LDO2, LDO3, LDO6, and LDO7. • Remove table, SUPPORTED PROCESSORS AND CORRESPONDING PART NUMBERS • Update Section 5.3: Adjust pin names and add exception. • Update Section 5.5: VDDCtrl SMPS, update FET part number. • Update: Section 5.7: Add updated BOOT1 characteristics. • Update: Section 5.19: Update LDO1 and LDO2 characteristics. • Update Section 5.21: Update LDO5. • Update Section 5.22: Update LDO6, LOD7, and LDO8. • Update Table 6-1: Update LDO1, LDO2, LDO3, LOD7, and LDO8 • Update Table 6-2: Remove SEL [6:0] selection bits. • Update Section 6.3.3.6: Add more explanation and reorganize section. • Add explanation to: Section 6.3.3.6, Section 6.3.3.9, Section 6.3.3.10, and Section 6.3.3.11. • Update Section 6.10: Add Section 6.10.1. • Update Table 6-6, Register Rest values. • Update Register Table: Table 6-43, Table 6-44, Table 6-53, and Table 6-55. • Update Table 4-1: BGA Pin column. (3) TPS65911 Data Manual, SWCS049B - Version B: • Update VCC6 in Section 5.1. (4) TPS65911 Data Manual, SWCS049C - Version C: • Update Table 4-1, BGA Pins: NRESPWRON, VCC1, GND1, VCCIO, GNDIO, AGND, and AGND2. For additional terms, see SLYZ022–TI Glossary. 8.5 Detailed Revision History Table 8-2. Detailed Revision History Version Literature Number Date Notes * SWCS049 June 2010 See (1). A SWCS049A February 2011 See (2). B SWCS049B February 2011 See (3). C SWCS049C May 2011 See (4). |