Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320F2811PBKA Arkusz danych(PDF) 103 Page - Texas Instruments

Numer części TMP320F2811PBKA
Szczegółowy opis  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Arkusz danych(HTML) 103 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 99Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 100Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 101Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 102Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 103Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 104Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 105Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 106Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 147 page
background image
Electrical Specifications
103
June 2004
SPRS257
PWM§
TxCTRIP, CxTRIP,
PDPINTx‡
XCLKOUT†
tw(PDP), tw(CxTRIP), tw(TxCTRIP)
td(PDP-PWM)HZ, td(TRIP-PWM)HZ
XNMI, XINT1, XINT2
tw(INT)
Interrupt Vector
td(INT)
† XCLKOUT = SYSCLKOUT
‡ TxCTRIP − T1CTRIP, T2CTRIP, T3CTRIP, T4CTRIP
CxTRIP − C1TRIP, C2TRIP, C3TRIP, C4TRIP, C5TRIP, or C6TRIP
PDPINTx − PDPINTA or PDPINTB
§ PWM refers to all the PWM pins in the device (i.e., PWMn and TnPWM pins or PWM pin pair relevant to each CxTRIP pin). The
state of the PWM pins after PDPINTx is taken high depends on the state of the FCOMPOE bit.
A0−A15
Figure 6−17. External Interrupt Timing
6.17 General-Purpose Input/Output (GPIO) − Output Timing
Table 6−18. General-Purpose Output Switching Characteristics
PARAMETER
MIN
MAX
UNIT
t
Delay time XCLKOUT high to GPIO low/high
All GPIOs
1 * t
cycle
td(XCOH-GPO)
Delay time, XCLKOUT high to GPIO low/high
All GPIOs
1 * tc(SCO)
cycle
tr(GPO)
Rise time, GPIO switching low to high
All GPIOs
10
ns
tf(GPO)
Fall time, GPIO switching high to low
All GPIOs
10
ns
fGPO
Toggling frequency, GPO pins
20
MHz
td(XCOH-GPO)
GPIO
XCLKOUT
tr(GPO)
tf(GPO)
Figure 6−18. General-Purpose Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com