Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM339DT Arkusz danych(PDF) 11 Page - Rohm

Numer części LM339DT
Szczegółowy opis  SIGNATURE SERIES Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LM339DT Arkusz danych(HTML) 11 Page - Rohm

Back Button LM339DT Datasheet HTML 7Page - Rohm LM339DT Datasheet HTML 8Page - Rohm LM339DT Datasheet HTML 9Page - Rohm LM339DT Datasheet HTML 10Page - Rohm LM339DT Datasheet HTML 11Page - Rohm LM339DT Datasheet HTML 12Page - Rohm LM339DT Datasheet HTML 13Page - Rohm LM339DT Datasheet HTML 14Page - Rohm LM339DT Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Typical Performance Curves - continued
LM393xxx/LM2903xx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
LM393:-40°C to +85°C LM2903:-40°C to +125°C
85°C
Figure 10. Input Offset Voltage vs
Ambient Temperature
Figure 11. Input Bias Current vs Supply Voltage
Figure 12. Input Bias Current vs
Ambient Temperature
Figure 13. Input Offset Current vs Supply Voltage
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [°C]
2V
5V
36V
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
Supply Voltage [V]
-40°C
25°C
125°C
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [°C]
2V
5V
36V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1020
3040
Supply Voltage [V]
125°C
25°C
-40°C
85°C


Podobny numer części - LM339DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
logo
Rohm
LM339DT ROHM-LM339DT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
776Kb / 19P
Low-power quad voltage comparators
Rev 4
logo
ON Semiconductor
LM339DTBR2 ONSEMI-LM339DTBR2 Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
More results

Podobny opis - LM339DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com