| Zakładka z wyszukiwarką danych komponentów |
|
MT9072AB Arkusz danych(PDF) 218 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB Arkusz danych(HTML) 218 Page - Zarlink Semiconductor Inc |
|
218 / 275 page ![]() MT9072 Data Sheet 218 Zarlink Semiconductor Inc. 11 F2HM (0) Framer 2 HDLC Mask. This is the mask bit for the F2HVS status bit in the Interrupt Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 10 F2EM (0) Framer 2 Elastic Mask. This is the mask bit for the F2EVS status bit in the Interrupt Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 9F2RM (0) Framer 2 Rx Line Mask. This is the mask bit for the F2RVS status bit in the Interrupt Vector Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 8F2SM (0) Framer 2 Sync and Overflow Mask. This is the mask bit for the F2SVS status bit in the Interrupt Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 7F1HM (0) Framer 1 HDLC Mask. This is the mask bit for the F1HVS status bit in the Interrupt Vector Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 6F1EM (0) Framer 1 Elastic Mask. This is the mask bit for the F1EVS status bit in the Interrupt Vector Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 5F1RM (0) Framer 1 Rx Line Mask. This is the mask bit for the F1RVS status bit in the Interrupt Vector Register(address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 4F1SM (0) Framer 1 Sync and Overflow Mask. This is the mask bit for the F1SVS status bit in the Interrupt Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. 3F0HM (0) Framer 0 HDLC Mask. This is the mask bit for the F0HVS status bit in the Interrupt Vector Register (address 910). If this mask bit is one, the corresponding Interrupt Vector status bit will remain inactive (zero). If this mask bit is zero, the corresponding Interrupt Vector status bit will function normally. Bit Name Functional Description Table 196 - Interrupt Vector 1 Mask Register (R/W Address 902) (E1) |