Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8AL313X Arkusz danych(PDF) 123 Page - STMicroelectronics

Numer części STM8AL313X
Szczegółowy opis  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Arkusz danych(HTML) 123 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 116Page - STMicroelectronics STM8AL313X Datasheet HTML 117Page - STMicroelectronics STM8AL313X Datasheet HTML 118Page - STMicroelectronics STM8AL313X Datasheet HTML 119Page - STMicroelectronics STM8AL313X Datasheet HTML 120Page - STMicroelectronics STM8AL313X Datasheet HTML 121Page - STMicroelectronics STM8AL313X Datasheet HTML 122Page - STMicroelectronics STM8AL313X Datasheet HTML 123Page - STMicroelectronics STM8AL313X Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 124 page
background image
DocID18474 Rev 7
123/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Revision history
123
18-Oct-2016
7
Added:
– Section 10.4: VFQFPN32 package information
– Figure 7: STM8AL31x6U 32-pin pinout (without LCD)
– Figure 8: STM8AL3Lx6U 32-pin pinout (with LCD)
Updated:
– Section 9.2: Absolute maximum ratings
– Section : Device marking on page 111, Section : Device marking on
page 114 and Section : Device marking on page 118
– Table 2: Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
low-power device features and peripheral counts
– Table 5: Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
pin description
– Table 19: General operating conditions
– Table 68: Thermal characteristics
– Figure 33: SPI1 timing diagram - slave mode and CPHA=1(1)
– Figure 34: SPI1 timing diagram - master mode(1)
– Figure 50: Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
ordering information scheme1
– Footnotes on Figure 43: LQFP48 marking example (package top
view) and Figure 46: LQFP32 marking example (package top view)
Table 69. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More